Part Number Hot Search : 
20400 MC74VHC1 CGY96 4476A 23150 P2102 11411120 MC68HC05
Product Description
Full Text Search
 

To Download 74LCXH162244MEX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LCXH162244 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26: Series Resistors in Outputs
September 2000 Revised May 2005
74LCXH162244 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26: Series Resistors in Outputs
General Description
The LCXH162244 contains sixteen non-inverting buffers with 3-STATE outputs designed to be employed as a memory and address driver, clock driver, or bus oriented transmitter/receiver. The device is nibble controlled. Each nibble has separate 3-STATE control inputs which can be shorted together for full 16-bit operation. The LCXH162244 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level. In addition, the outputs include equivalent 26: (nominal) series resistors to reduce overshoot and undershoot and are designed to sink/source up to 12 mA at VCC 3.0V. The LCXH162244 is designed for low voltage (2.5V or 3.3V) VCC applications with capability of interfacing to a 5V signal environment. The LCXH162244 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining CMOS low power dissipation.
Features
s 5V tolerant control inputs and outputs s 2.3V-3.6V VCC specifications provided s Outputs include equivalent series resistance of 26: to make external termination resistors unnecessary and reduce overshoot and undershoot s Bushold on data inputs eliminates the need for external pull-up/pull-down resistors s 5.3 ns tPD max (VCC
3.0V), 20 PA ICC max 3.0V)
s Power down high impedance inputs and outputs s r12 mA output drive (VCC s Implements patented noise/EMI reduction circuitry s Latch-up performance exceeds 500 mA s ESD performance:
Human body model ! 2000V Machine model ! 200V
Ordering Code:
Order Number 74LCXH162244MEA 74LCXH162244MEX 74LCXH162244MTD 74LCXH162244MTX Package Number MS48A MS48A MTD48 MTD48 Package Description 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide [RAIL] 48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide [TAPE and REEL] 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [RAIL] 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide [TAPE and REEL]
(c) 2005 Fairchild Semiconductor Corporation
DS500249
www.fairchildsemi.com
74LCXH162244
Connection Diagram
Logic Symbol
Pin Descriptions
Pin Names OEn I0-I15 O0-O15 Description Output Enable Input (Active LOW) Bushold Inputs Outputs
www.fairchildsemi.com
2
74LCXH162244
Truth Tables
Inputs OE1 L L H I0-I3 L H X Outputs O0-O3 L H Z OE3 L L H Inputs I8-I11 L H X Outputs O8-O11 L H Z
Inputs OE2 L L H
H HIGH Voltage Level L LOW Voltage Level
Outputs I4-I7 L H X O4-O7 L H Z
X Z
Inputs OE4 L L H
Immaterial High Impedance
Outputs I12-I15 L H X O12-O15 L H Z
Functional Description
The LCXH162244 contains sixteen non-inverting buffers with 3-STATE standard outputs. The LCXH162244 data inputs include active bushold circuitry eliminating the need for pull-up resistors to hold unused or floating data inputs at a valid logic level. The devise is also designed with 26: series resistors in the outputs. This design reduces line noise in applications such as memory address drivers, clock drivers and bus transceiver/transmitters. The device is nibble (4 bits) controlled with each nibble functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. The 3-STATE outputs are controlled by an Output Enable (OEn) input for each nibble. When OEn is LOW, the outputs are in 2-state mode. When OEn is HIGH, the outputs are in the high impedance mode, but this does not interfere with entering new data into the inputs.
Logic Diagram
3
www.fairchildsemi.com
74LCXH162244
Absolute Maximum Ratings(Note 1)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Source/Sink Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature OE I0 - I15 Value Conditions Units V V Output in 3-STATE Output in HIGH or LOW State (Note 2) VI GND VO GND VO ! VCC V mA mA mA mA mA
0.5 to 7.0 0.5 to 7.0 0.5 to VCC 0.5 0.5 to 7.0 0.5 to VCC 0.5 50 50 50 r50 r100 r100 65 to 150
qC
Recommended Operating Conditions (Note 3)
Symbol VCC VI VO IOH/IOL Supply Voltage Input Voltage Output Voltage Output Current HIGH or LOW State 3-STATE VCC VCC VCC TA Free-Air Operating Temperature Input Edge Rate, VIN 0.8V-2.0V, VCC 3.0V 3.0V 3.6V 2.7V 3.0V 2.3V 2.7V Parameter Operating Data Retention Min 2.0 1.5 0 0 0 Max 3.6 3.6 VCC VCC 5.5 Units V V V
r12 r8 r4 40
0 85 10
mA
qC
ns/V
't/'V
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused control inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH IOH IOH IOH IOH IOH VOL LOW Level Output Voltage IOL IOL IOL IOL IOL IOL Conditions VCC (V) 2.3 2.7 2.7 3.6 2.3 2.7 2.7 3.6 TA
40qC to 85qC
Max
Min 1.7 2.0
Units V
0.7 0.8 VCC 0.2 1.8 2.2 2.4 2.0 2.0 0.2 0.6 0.4 0.55 0.6 0.8
V
100 PA 4 mA 4 mA 6 mA 8 mA 12 mA
100 PA 4 mA 4 mA 6 mA 8 mA 12 mA
2.3 3.6 2.3 2.7 3.0 2.7 3.0 2.3 3.6 2.3 2.7 3.0 2.7 3.0
V
V
www.fairchildsemi.com
4
74LCXH162244
DC Electrical Characteristics
Symbol II II(HOLD) Parameter Input Leakage Current Bushold Input Minimum Drive Hold Current Data Control VI
(Continued)
VCC (V) VCC or GND 0.7V 1.7V 0.8V 2.0V 2.3 3.6 2.3 3.6 2.3 3.0 2.7 3.6 2.3 3.6 0 2.3 3.6 2.3 3.6 45 TA
Conditions
40qC to 85qC
Max
Units
Min
r5.0 r5.0 45
75
0 d VI d 5.5 VIN VIN VIN VIN
PA
PA
75
300
II(OD)
Bushold Input Over-Drive Current to Change State
(Note 4) (Note 5) (Note 4) (Note 5)
300
450
PA
450 r5.0
10 20 500
IOZ IOFF ICC
3-STATE Output Leakage Power-Off Leakage Current Quiescent Supply Current Increase in ICC per Input
0 d VO d 5.5V VI VO VI VIH VIH or VIL 5.5V VCC or GND V CC 0.6V
PA PA PA PA
'ICC
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
AC Electrical Characteristics
TA Symbol Parameter VCC CL Min tPHL tPLH tPZL tPZH tPLZ tPHZ tOSHL tOSLH Output to Output Skew (Note 6) Output Disable Time Propagation Delay Data to Output Output Enable Time 1.0 1.0 1.0 1.0 1.0 1.0 3.3V r 0.3V 50 pF Max 5.3 5.3 6.3 6.3 5.4 5.4 1.0 1.0
40qC to 85qC, RL
VCC CL Min 1.0 1.0 1.0 1.0 1.0 1.0 2.7V 50 pF Max 6.0 6.0 7.1 7.1 5.7 5.7
500 : VCC CL Min 1.0 1.0 1.0 1.0 1.0 1.0 2.5V r 0.2V 30 pF Max 6.4 6.4 8.2 8.2 6.5 6.5 ns ns ns ns Units
Note 6: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Dynamic Peak VOL Quiet Output Dynamic Valley VOL CL CL CL CL 50 pF, VIH 30 pF, VIH 50 pF, VIH 30 pF, VIH Conditions 3.3V, VIL 2.5V, VIL 3.3V, VIL 2.5V, VIL 0V 0V 0V 0V VCC (V) 3.3 2.5 3.3 2.5 TA 25qC Typical 0.35 0.25 Units V V
0.35 0.25
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter VCC VCC VCC Open, VI 3.3V, VI 3.3V, VI Conditions 0V or VCC 0V or VCC 0V or VCC, f 10 MHz Typical 7 8 20 Units pF pF pF
5
www.fairchildsemi.com
74LCXH162244
AC LOADING and WAVEFORMS Generic for LCX Family
FIGURE 1. AC Test Circuit (CL includes probe and jig capacitance) VI 6V for VCC 3.3V, 2.7V 2.5V VCC * 2 for VCC CL 50 pF 30 pF
Waveform for Inverting and Non-Inverting Functions
3-STATE Output High Enable and Disable Times for Logic
Propagation Delay. Pulse Width and trec Waveforms
Setup Time, Hold Time and Recovery Time for Logic
3-STATE Output Low Enable and Disable Times for Logic FIGURE 2. Waveforms (Input Characteristics; f =1MHz, tR = tF = 3ns) Symbol Vmi Vmo Vx Vy VCC 3.3V r 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 1.5V 1.5V VOL 0.3V VOH 0.3V 2.7V
trise and tfall
2.5V r 0.2V VCC/2 VCC/2 VOL 0.15V VOH 0.15V
www.fairchildsemi.com
6
74LCXH162244
Schematic Diagram Generic for LCXH Family
7
www.fairchildsemi.com
74LCXH162244
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide Package Number MS48A
www.fairchildsemi.com
8
74LCXH162244 Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26: Series Resistors in Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD48
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 9 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LCXH162244MEX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X